PART |
Description |
Maker |
SM3KW24A |
3000 WATT TVS COMPONENT
|
Protek Devices
|
PLW0501H07 PLW0501H PLW0501H-T7 |
250 W, UNIDIRECTIONAL, SILICON, TVS DIODE STANDARD CAPACITANCE TVS COMPONENT
|
PROTEC[Protek Devices]
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
3KP7.5C 3KP8.5A 3KP7.0A |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Microsemi, Corp.
|
P30KP100A P30KP90A P30KP320A P30KP320CA-LF P30KP70 |
30kW power tvs component 30000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 30000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Protek Devices
|
3KP210 3KP210A 3KP5.0 3KP220 3KP09 3KP200A 3KP8.0 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, P-600, 2 PIN 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, P-600, 2 PIN
|
Pan Jit International Inc. Micro Commercial Components, Corp. Lite-On Semiconductor, Corp. Sensitron Semiconductor Pan Jit International I...
|
15KP280 15KP90A 15KP90 15KP 15KP100 15KP100A 15KP1 |
POWER TVS COMPONENT
|
PROTEC[Protek Devices]
|
30KPA36A 30KPA30A |
POWER TVS COMPONENT
|
Protek Devices
|
1N6139A 1N6143A 1N6171A 1N6173A 1N6138A 1N6140A 1N |
QPL 1500 Watt Axial Leaded TVS 七匹500瓦特轴向引线二极 1500 Watt Axial Leaded TVS(轴向引脚500W,最大钳位电18.4V,瞬变电压抑制 1500瓦特轴向引线二极管(轴向引脚500W的,最大钳位电18.4V,瞬变电压抑制器 HC-HV 10-ESTS 七匹500瓦特轴向引线二极 1500 Watt Axial Leaded TVS(轴向引脚500W,最大钳位电B>33.3V,瞬变电压抑制
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
15KPXX |
(15KPxxx) POWER TVS COMPONENT
|
Protek Devices
|
TB1308FG TB1305FG |
Component SW, Sync Separation and H/V Frequency Counter IC for TVs
|
Toshiba Semiconductor
|
|